| Moteur de recherche de fiches techniques de composants électroniques |
|
CC3235MODASF Fiches technique(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CC3235MODASF Fiches technique(HTML) 18 Page - Texas Instruments |
|
18 / 100 page ![]() Copyright © 2019, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback Product Folder Links: CC3235MODAS CC3235MODASF 18 CC3235MODAS, CC3235MODASF SWRS233 – OCTOBER 2019 www.ti.com Table 4-2. Pin Attributes and Pin Multiplexing (continued) GENERAL PIN ATTRIBUTES FUNCTION PAD STATES Pkg. Pin Pin Alias Use Select as Wakeup Source Config. Addl. Analog Mux Muxed With JTAG Dig. Pin Mux Config. Reg. Dig. Pin Mux Config. Mode Value Signal Name Signal Description Signal Direction LPDS(1) Hib(2) nRESET = 0 8 GPIO17 I/O Yes No No GPIO_PAD_ CONFIG_17 (0x4402 E0E4) 0 GPIO17 GPIO I/O Hi-Z, Pull, Drive Hi-Z, Pull, Drive Hi-Z 5 UART1_RX UART1 RX data I 7 GSPI_CS General SPI chip select I/O 4 pDATA11 (CAM_D7) Parallel camera data bit 7 I 8 SDCARD_ CMD SD card command line I/O 9 GPIO12 I/O No No No GPIO_PAD_ CONFIG_12 (0x4402 E0D0) 0 GPIO12 GPIO I/O Hi-Z, Pull, Drive Hi-Z, Pull, Drive Hi-Z 3 McACLK I2S audio port clock output O Hi-Z, Pull, Drive 4 pVS (VSYNC) Parallel camera vertical sync I Hi-Z, Pull, Drive 5 I2C_SCL I2C clock I/O (open drain) Hi-Z, Pull, Drive 7 UART0_TX UART0 TX data O 1 12 GT_CCP03 Timer capture port I Hi-Z, Pull, Drive 10 GPIO13 I/O Yes No No GPIO_PAD_ CONFIG_13 (0x4402 E0D4) 0 GPIO13 GPIO I/O Hi-Z, Pull, Drive Hi-Z, Pull, Drive Hi-Z 5 I2C_SDA I2C data I/O (open drain) 4 pHS (HSYNC) Parallel camera horizontal sync I 7 UART0_RX UART0 RX data I 12 GT_CCP04 Timer capture port I |