| Moteur de recherche de fiches techniques de composants électroniques |
|
STA450A Fiches technique(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA450A Fiches technique(HTML) 50 Page - STMicroelectronics |
|
50 / 66 page ![]() STA450A 50/66 3.3.27 ADF_PROGRAM_START_REQ 3.3.28 ADF_PROGRAM_END_REQ 3.3.29 ADF_EXTARTISTLBL_REQ 1 adf_status 0x00 – ADF_ABSENT 0x01 – ADF_PRESENT If the program Identification ADF was not received, then DSP returns ADF_ABSENT. If the program Identification ADF was received, then DSP returns ADF_PRESENT. 2 – 6 adf_progid Program Identification ADF. Reference: Service Layer Specification. BYTE FIELD VALUE DESCRIPTION 0 PROGRAM_START_REQ 0x26 Program Start Request header 1 sid 1-255 Service identifier for which DSP returns the program start time. BYTE FIELD VALUE DESCRIPTION 0 PROGRAM_START_CFM 0xA6 Program Start Confirm header 1 adf_status 0x00 – ADF_ABSENT 0x01 – ADF_PRESENT If the program start ADF was not received, then DSP returns ADF_ABSENT. If the program start ADF was received, then DSP returns ADF_PRESENT. 2 – 3 adf_progst Program Start ADF. Reference: Service Layer Specification. BYTE FIELD VALUE DESCRIPTION 0 PROGRAM_END_REQ 0x27 Program End Request header 1 sid 1-255 Service identifier for which DSP returns the program and time. BYTE FIELD VALUE DESCRIPTION 0 PROGRAM_END_CFM 0xA7 Program End Confirm header 1 adf_status 0x00 – ADF_ABSENT 0x01 – ADF_PRESENT If the program end ADF was not received, then DSP returns ADF_ABSENT. If the program end ADF was received, then DSP returns ADF_PRESENT. 2 – 3 adf_progend Program End ADF. Reference: Service Layer Specification. BYTE FIELD VALUE DESCRIPTION 0 EXTART_LABEL_REQ 0x28 Extended Artist Label Request header 1 sid 1-255 Service identifier for which DSP returns the extended artist label. BYTE FIELD VALUE DESCRIPTION |