Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA450A Fiches technique(PDF) 63 Page - STMicroelectronics

No de pièce STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Fiches technique(HTML) 63 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 58Page - STMicroelectronics STA450A Datasheet HTML 59Page - STMicroelectronics STA450A Datasheet HTML 60Page - STMicroelectronics STA450A Datasheet HTML 61Page - STMicroelectronics STA450A Datasheet HTML 62Page - STMicroelectronics STA450A Datasheet HTML 63Page - STMicroelectronics STA450A Datasheet HTML 64Page - STMicroelectronics STA450A Datasheet HTML 65Page - STMicroelectronics STA450A Datasheet HTML 66Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
63/66
STA450A
CAP_RST(GPIO_4)
PC bitstream interface : USSIO interface in input (PCDC, PCSD)
tpcsd_setup_min = 15 ns
tpcsd_hold_min = 15 ns
tpcdc_min_hi = 20 ns
tpcdc_min_low = 20 ns
tpcdc_min_period = 60 ns
tr_max = 20 ns
tf_max = 20 ns
5.6 USSIO in output : Data Port output (DP_EN, DP_DATA, DP_CLK)
Notations: Cload_XXX is the load in pF on the XXX output. pad_timing(Cload_XXX) is the propagation delay
added to the XXX pad due to the load. The following table gives this timing.
t_dpen_max = 6.0 + pad_timing(Cload_DP_EN) - pad_timing(Cload_DP_CLK)
Load (pF)
max pad_timing (rise)
max pad_timing (fall)
25
6 ns
10.6 ns
50
10 ns
13 ns
75
12 ns
15.4 ns
100
14 ns
18 ns
I958_OUT, EVENT_IRQ(GPIO_0),
tr
tf
INT1(GPIO_1), INT2(GPIO_2), CAP_RST(GPIO_4)
PCDC
PCSD
tpcsd_setup
tpcsd_hold
PCDC
tpcdc_min_hi
t_pcdc_min_low
tpcdc_min_period
DP_CLK
DP_DATA
DP_EN
tr
tf
t_dpdata
t_dpen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66