Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA450A Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 45Page - STMicroelectronics STA450A Datasheet HTML 46Page - STMicroelectronics STA450A Datasheet HTML 47Page - STMicroelectronics STA450A Datasheet HTML 48Page - STMicroelectronics STA450A Datasheet HTML 49Page - STMicroelectronics STA450A Datasheet HTML 50Page - STMicroelectronics STA450A Datasheet HTML 51Page - STMicroelectronics STA450A Datasheet HTML 52Page - STMicroelectronics STA450A Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
49/66
STA450A
3.3.25 ALL_LABEL_REQ
3.3.26 ADF_PROGRAM_ID_REQ
2 – 17
program_label
Program label.
Reference: Service Layer Specification
BYTE
FIELD
VALUE
DESCRIPTION
0
ALL_LABEL_REQ
0x24
All Label Request header
1
channel_number
1-255
Channel number for which DSP returns
the labels.
2
program_type
1 – 31
Program type
The program type is used as an index
into the program label table to obtain the
program label.
BYTE
FIELD
VALUE
DESCRIPTION
0
ALL_LABEL_CFM
0xA4
All Label Confirm header
1
sib2_status
0x00 – SIB2_ABSENT
0x01 – SIB2_PRESENT
If the service information block 2 was not
received, then DSP returns
SIB2_ABSENT. If the service
information block 2 was received, then
DSP returns SIB2_PRESENT.
2 – 17
service_block2
Service Information Block 2 (SIB2). The
service label is contained in SIB2.
Reference: Service Layer Specification
18
sib3_status
0x00 – SIB3_ABSENT
0x01 – SIB3_PRESENT
If the service information block 3 was not
received, then DSP returns
SIB3_ABSENT. If the service
information block 3 was received, then
DSP returns SIB3_PRESENT.
19 - 55
service_block3
Service Information Block 3 (SIB3).
The artist label and song label is
contained in SIB3.
Reference: Service Layer Specification
56
program_label_status
0x00 –
PROGLABEL_ABSENT
0x01 –
PROGLABEL_PRESENT
If the program label was not received,
then DSP returns
PROGLABEL_ABSENT. If the program
label was received, then DSP returns
PROGLABEL_PRESENT.
57 – 72
program_label
Program label.
Reference: Service Layer Specification.
BYTE
FIELD
VALUE
DESCRIPTION
0
PROGRAM_ID_REQ
0x25
Program Identification Request header
1
sid
1-255
Service identifier for which DSP returns
the program Identification.
BYTE
FIELD
VALUE
DESCRIPTION
0
PROGRAM_ID_CFM
0xA5
Program Identification Confirm header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66