Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA450A Fiches technique(PDF) 61 Page - STMicroelectronics

No de pièce STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Fiches technique(HTML) 61 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 57Page - STMicroelectronics STA450A Datasheet HTML 58Page - STMicroelectronics STA450A Datasheet HTML 59Page - STMicroelectronics STA450A Datasheet HTML 60Page - STMicroelectronics STA450A Datasheet HTML 61Page - STMicroelectronics STA450A Datasheet HTML 62Page - STMicroelectronics STA450A Datasheet HTML 63Page - STMicroelectronics STA450A Datasheet HTML 64Page - STMicroelectronics STA450A Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
61/66
STA450A
a) OCLK in output. The audio PLL is used to clock the DAC
Notations: Cload_XXX is the load in pF on the XXX output. pad_timing(Cload_XXX) is the propagation delay
added to the XXX pad due to the load. The following table gives this timing
.
tsdo_max = 3.5 + pad_timing(Cload_SDO) - pad_timing(Cload_OCLK)
tsckt_max = 4.0 + pad_timing(Cload_SCKT) - pad_timing(Cload_OCLK)
tlrckt_max = 3.5 + pad_timing(Cload_LRCKT) - pad_timing(Cload_OCLK)
The Tr and Tf depends on the load on the different pads but at a given load, the Tr and Tf timings are identical
for OCLK(output case), SCKT, LRCKT, SDO.
b) OCLK in input
Thi min = 5 ns
Tlo min = 5 ns
Toclk min = 25 ns
tsdo_max = 5.5 + pad_timing(Cload_SDO) ns
Load (pF)
max pad_timing (rise)
max pad_timing (fall)
25
6 ns
10.6 ns
50
10 ns
13 ns
75
12 ns
15.4 ns
100
14 ns
18 ns
OCLK (output)
SDO
SCKT
LRCKT
tr
tf
tsdo
tsckt
tlrckt
OCLK (input)
SDO
SCKT
LRCKT
tr
tf
tsdo
tsckt
tlrckt
toclk
thi
tlo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66