Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF06F3742DTL Fiches technique(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

No de pièce MF06F3742DTL
Description  Precision Thin Film Chip Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Site Internet  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MF06F3742DTL Fiches technique(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  MF06F3742DTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Approval Sheet
Page 2 of 13
ASC_MFxxF&W
Dec - 2018
FEATURE
1.
SMD TaN Thin Film Resistor
2.
Special passivation layer on resistive film
3.
AEC-Q200 qualified
4.
Products with lead free terminations meet RoHS requirements
5.
Sulfur resistant (per ASTM B809-95 humid vapor test)
6.
AEC-Q200 ESD rated class 1C (2 kV)
7.
+/-0.02% is upon the customer request.
8.
Laser trimmed to any value
APPLICATION
•
Automotive Electronics
•
Medical equipment
•
Measuring instrument
•
Industrial Equipment
DESCRIPTION
The resistors are constructed in a high grade ceramic body (aluminum oxide). Internal metal electrodes are
added at each end and connected by a resistive layer that is applied to the top surface of the substrate. The
composition of the resistive layer is adjusted to give the approximate resistance required and the value is
trimmed to nominated value within tolerance which controlled by laser trimming of this resistive layer.
The resistive layer is covered with a protective coat. Finally, the two external end terminations are added. For
environmental soldering issue, the outer layer of these end terminations is a Lead-free solder .
Fig 1. Construction of Chip-R MFxxF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com