Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF06F3742DTL Fiches technique(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

No de pièce MF06F3742DTL
Description  Precision Thin Film Chip Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Site Internet  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MF06F3742DTL Fiches technique(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

Back Button MF06F3742DTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Approval Sheet
Page 8 of 13
ASC_MFxxF&W
Dec - 2018
TEST AND REQUIREMENTS
REQUIREMENT
TEST
PROCEDURE
Resistor
Electrical Characteristics
IEC 60115-1 4.8
- DC resistance values measurement
- Temperature Coefficient of Resistance (T.C.R)
Natural
resistance
change
per
change
in
degree
centigrade.
(
)
6
1
2
1
1
2
10
×
−
−
t
t
R
R
R
(ppm/
°C) t
1 : 20°C+5°C-1°C
R1 : Resistance at reference temperature (20°C+5°C/-
1°C)
R2 : Resistance at test temperature (-55°C or +125°C)
Within the specified tolerance
Short time overload
(S.T.O.L)
IEC 60115-1 4.13
Permanent resistance change after a 5second application
of a voltage 2.5 times RCWV or the maximum overload
voltage specified in the above list, whichever is less.
∆R/R max. ±(0.1%+0.02Ω)
Resistance to soldering
heat(R.S.H)
AEC-Q200-15
Un-mounted chips completely immersed for 10±1second
in a SAC solder bath at 260℃±5ºC
no visible damage
∆ R/R max. ±(0.1%+0.02Ω)
Solderability
IEC 60068-2-58
Un-mounted chips completely immersed for 2±0.5 second
in a SAC solder bath at 235℃±5℃
good tinning (>95% covered)
no visible damage
1,000 cycles, -55℃ ~ +125℃, dwell time 5~10min
∆R/R max. ±(0.1%+0.02Ω)
Temperature cycling
JESD22 method JA-104
1,000 cycles, -55℃ ~ +155℃, dwell time 5~10min
∆R/R max. ±(0.2%+0.02Ω)
Bias Humidity
AEC-Q200-7
1,000 +48/-0 hours, loaded with 10% rated power in
humidity chamber controller at +85℃/ 85%RH
∆R/R max. ±(0.1%+0.02Ω)
Load Life
IEC 60115-1 4.25
1,000 +48/-0 hours, loaded with RCWV or Vmax in
chamber controller 85 ±2ºC, 1.5 hours on and 0.5 hours
off
∆R/R max. ±(0.1%+0.02Ω)
Operational Life
AEC-Q200-8
MIL-STD-202 -108
1,000 hours at 125±2°C, loaded with rated power
continuously
∆R/R max. ±(0.1%+0.02Ω)
1,000 hours 125℃, un-powered
∆R/R max. ±(0.1%+0.02Ω)
High Temperature
Exposure
AEC-Q200-3
1,000 hours 155℃, un-powered
∆R/R max. ±(0.15%+0.02Ω)
Moisture Resistance
AEC-Q200-6
MIL-STD-202 Method 106
65
±2°C, 80~100% RH, 10 cycles, 24 hours/ cycle
∆R/R max. ±(0.1%+0.02Ω)
Mechanical Shock
MIL-STD-202 Method 213
1/2 Sine Pulse / 1500g Peak / Velocity 15.4ft/sec
∆R/R max. ±(0.1%+0.02Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com