Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF06F3742DTL Fiches technique(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

No de pièce MF06F3742DTL
Description  Precision Thin Film Chip Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Site Internet  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MF06F3742DTL Fiches technique(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

Back Button MF06F3742DTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Approval Sheet
Page 7 of 13
ASC_MFxxF&W
Dec - 2018
CATALOGUE NUMBERS
The resistors have a catalogue number starting with.
MF06
F
xxxx
B
T
L
Size code
MF12: 1206
MF08: 0805
MF06: 0603
MF04: 0402
Type code
F: TCR 15 ppm
W: TCR 10 ppm
Resistance code
3 significant digits followed
by no. of zeros
102
Ω
=1020
37.4K
Ω
=3742
220
Ω
=2200
Tolerance
F :
±1%
D :
±0.5%
C:
±0.25%
B :
±0.1%
A :
±0.05%
Packaging code
T: 7” Taped & Reeled
M: 7” Taped & Reeled.
Size: 0402 ,5Kpcs /RL
Z : 7”Taped & Reeled
3kpcs/RL
V : 7” Reel & Taped
1Kpcs
Termination
code
L = Sn base
(lead free)
1. Reeled tape packaging: 8mm width paper taping.
5,000pcs/Reel for MF06F&W; MF08F&W, MF12F&W
5,000pcs and 10,000pcs /Reel for MF04F&W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com