Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF06F3742DTL Fiches technique(PDF) 13 Page - WALSIN TECHNOLOGY CORPORATION

No de pièce MF06F3742DTL
Description  Precision Thin Film Chip Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Site Internet  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MF06F3742DTL Fiches technique(HTML) 13 Page - WALSIN TECHNOLOGY CORPORATION

Back Button MF06F3742DTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION MF06F3742DTL Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Approval Sheet
Page 13 of 13
ASC_MFxxF&W
Dec - 2018
10 / 700us Pulse
According to IEC 60115-1 4.27 10 / 700us use 10 pulses at 60sec intervals pulse shapes test resistor,
permissible the resistance to be varied by ± (0.5% R + 0.01
Ω).
10
100
1K
10K
100K
1M
Resistance (Ohm)
10/700us Pulse Voltage
1206/0805
0603
0402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com