| Moteur de recherche de fiches techniques de composants électroniques |
|
USBLC6-4SC6 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
USBLC6-4SC6 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() ® 1/10 USBLC6-4SC6 VERY LOW CAPACITANCE ESD PROTECTION REV. 2 SOT23-6L February 2005 MAIN APPLICATIONS ■ USB2.0 ports up to 480Mb/s (high speed) ■ Backwards compatible with USB1.1 low and full speed ■ Ethernet port: 10/100Mb/s ■ SIM card protection ■ Video line protection ■ Portable electronics DESCRIPTION The USBLC6-4SC6 is a monolithic Application Specific Discrete dedicated to ESD protection of high speed interfaces, such as USB2.0, Ethernet links and Video lines. Its very low line capacitance secures a high level of signal integrity without compromising in protecting sensitive chips against the most stringent characterized ESD strikes. FEATURES ■ 4 data lines protection ■ Protects VBUS ■ Very low capacitance: 3pF typ. ■ SOT23-6L package ■ RoHS compliant BENEFITS ■ Very low capacitance between lines to GND for optimized data integrity and speed ■ Low PCB space consuming, 9mm² maximum foot print ■ Enhanced ESD protection ■ IEC61000-4-2 level 4 compliance guaranteed at device level, hence greater immunity at system level ■ ESD protection of VBUS. Allows ESD current flowing to Ground when ESD event occurs on data line ■ High reliability offered by monolithic integration ■ Low leakage current for longer operation of battery powered devices ■ Fast response time ■ Consistent D+ / D- signal balance: - Best capacitance matching tolerance I/O to GND = 0.015pF - Compliant with USB 2.0 requirements < 1pF Table 1: Order Code Part Number Marking USBLC6-4SC6 UL46 Figure 1: Functional Diagram 1 1 6 2 5 3 4 I/O1 I/O4 GND VBUS I/O2 I/O3 COMPLIES WITH THE FOLLOWING STANDARDS: ■ IEC61000-4-2 level4: 15kV (air discharge) 8kV (contact discharge) ASD (Application Specific Devices) |
Numéro de pièce similaire - USBLC6-4SC6 |
|
Description similaire - USBLC6-4SC6 |