Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USBLC6-4SC6 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce USBLC6-4SC6
Description  VERY LOW CAPACITANCE ESD PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-4SC6 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button USBLC6-4SC6 Datasheet HTML 2Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 3Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 4Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 5Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 6Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 7Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 8Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 9Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
USBLC6-4SC6
8/10
6. PSPICE MODEL
Figure 16 shows the PSPICE model of one USBLC6-4SC6 cell. In this model, the diodes are defined by
the PSPICE parameters given in figure 17.
Note: This simulation model is available only for an ambient temperature of 27°C.
Figure 16: PSPICE model
Figure 17: PSPICE parameters
Figure
18:
USBLC6-4SC6
PCB
layout
considerations
Vcc
Lpinsot 23
io1
Lbondsot 23 100m
Lpinsot 23
Lpi nsot 23
100 m
io2
Lbondsot 23 100m
Lpinsot 23
Lbondsot 23
io3
MODEL = Dhigh
MODEL = Dhigh
MODEL = Dhigh
MODEL = Dhigh
MODEL = Dlow
MODEL = Dlow
MODEL = Dlow
MODEL = Dlow
MODEL = Dzener
Rgn d
Lgn d
Lbondsot 23 100m
Lpinsot 23
Lpinsot 23
io4
Lbondsot 23 100 m
Rvc c
Lvc c
100 m
Lbondsot 23
100 m
Lbondsot 23
0.1u
0.1u
0.1u
TT
0.6
0.6
0.6
VJ
0.42
0.63
0.38
RS
0.3333
0.3333
0.3333
M
1.24
1.13
1.62
N
100p
100p
100p
ISR
3.21p
2.27f
55.2p
IS
2.42
0.018
0.038
IKF
1m
1m
1m
IBV
20p
2.4p
2.4p
CJ0
7.3
50
50
BV
Dzener
Dhigh
Dlow
100p
Lvcc
350m
Rvcc
100p
Lgnd
350m
Rgnd
0.15n
Lpinsot23
0.564n
Lbondsot23
D+1
C
= 100nF
BUS
D-1
GND
USBLC6-4SC6
D+2
D-2
VBUS
1



Html Pages

1 2 3 4 5 6 7 8 9 10