Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USBLC6-4SC6 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce USBLC6-4SC6
Description  VERY LOW CAPACITANCE ESD PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-4SC6 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button USBLC6-4SC6 Datasheet HTML 2Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 3Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 4Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 5Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 6Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 7Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 8Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 9Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
USBLC6-4SC6
6/10
4. CROSSTALK BEHAVIOR
4.1. Crosstalk phenomena
Figure 11: Crosstalk phenomena
The crosstalk phenomena are due to the coupling between 2 lines. The coupling factor (
β12 or β21)
increases when the gap across lines decreases, particularly in silicon dice. In the example above the
expected signal on load RL2 is α2VG2, in fact the real voltage at this point has got an extra value β21VG1.
This part of the VG1 signal represents the effect of the crosstalk phenomenon of the line 1 on the line 2.
This phenomenon has to be taken into account when the drivers impose fast digital data or high frequency
analog signals in the disturbing line. The perturbed line will be more affected if it works with low voltage
signal or high load impedance (few k
Ω).
Figure 12: Analog crosstalk measurements
Figure 12 gives the measurement circuit for the analog application. In usual frequency range of analog
signals (up to 240MHz) the effect on disturbed line is less than -55 dB (please see figure 13).
Line 1
Line 2
VG1
VG2
RG1
RG2
DRIVERS
RL1
RL2
RECEIVERS
α
β
+
1
12
VG1
VG2
α
β
+
2
21
VG2
VG1
SPECTRUM ANALYSER
Vout
50
Ω
TRACKING GENERATOR
Vg
Vin
50
Ω
TEST BOARD
+5V
C=100nF
Figure 13: Analog crosstalk results
As the USBLC6-4SC6 is designed to protect high
speed data lines, it must ensure a good transmis-
sion of operating signals. The frequency response
(figure 5) gives attenuation information and shows
that the USBLC6-4SC6 is well suitable for data
line transmission up to 480 Mbit/s while it works
as a filter for undesirable signals like GSM
(900MHz) frequencies, for instance.
100.0k
1.0M
10.0M
100.0M
1.0G
-120.00
-90.00
-60.00
-30.00
0.00
USBLC6-4SC6
Aplac 7.70 User: ST Microelectronics Oct 29 2004
dB
f/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10