Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USBLC6-4SC6 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce USBLC6-4SC6
Description  VERY LOW CAPACITANCE ESD PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-4SC6 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button USBLC6-4SC6 Datasheet HTML 2Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 3Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 4Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 5Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 6Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 7Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 8Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 9Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
USBLC6-4SC6
9/10
Figure 19: SOT23-6L Package Mechanical Data
Figure 20: Foot Print Dimensions (in millimeters)
A2
A
L
H
c
B
E
D
e
e
A1
θ
0.95
0.60
1.20
1.10
3.50
2.30
Table 4: Ordering Information
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
USBLC6-4SC6
UL46
SOT23-6L
16.7 mg
3000
Tape & reel
Table 5: Revision History
Date
Revision
Description of Changes
10-Dec-2004
1
First issue.
28-Feb-2005
2
Minor layout update. No content change.
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.45
0.035
0.057
A1
0
0.10
0
0.004
A2
0.90
1.30
0.035
0.051
b
0.35
0.50
0.014
0.02
C
0.09
0.20
0.004
0.008
D
2.80
3.05
0.110
0.120
E
1.50
1.75
0.059
0.069
e
0.95
0.037
H
2.60
3.00
0.102
0.118
L
0.10
0.60
0.004
0.024
θ
0°
10°
0°
10°



Html Pages

1 2 3 4 5 6 7 8 9 10