Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DWM1000 Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce DWM1000
Description  IEEE 802.15.4-2011 UWB Transceiver Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

DWM1000 Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DWM1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 5Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 6Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 7Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 8Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 9Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 10Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
DWM1000 Datasheet
© Decawave Ltd 2016
Version 1.7
Page 7
Parameter
Min
Typ
Max
Unit
Description
t5
32
ns
LSB last byte to MSB next byte
t6
10
ns
SPICSn de-asserted high to SPIMISO tri-state
t7
16
ns
Start time; time from select asserted to first SPICLK
t8
40
ns
Idle time between consecutive accesses
t9
40
ns
Last SPICLK to SPICSn de-asserted
1.4
General Purpose Input Output (GPIO)
The DWM1000 provides 8 configurable pins.
On reset, all GPIO pins default to input. GPIO inputs, when appropriately configured, are capable of generating
interrupts to the host processor via the IRQ signal.
GPIO0, 1, 2, & 3, as one of their optional functions, can drive LEDs to indicate the status of various chip
operations. Any GPIO line being used to drive an LED in this way should be connected as shown. GPIO5 & 6
are used to configure the operating mode of the SPI as described in the DW1000 Datasheet [2].
See DW1000 Datasheet [2] and DW1000 User Manual [3] provide full details of the configuration and use of the
GPIO lines.
1.5
Always-On (AON) Memory
Configuration retention in lowest power states is enabled in DWM1000 by provision of an Always-On (AON)
memory array with a separate power supply, VDDAON. The DWM1000 may be configured to upload its
configuration to AON before entering a low-power state and to download the configuration when waking up from
the low
–power state.
1.6
One-Time Programmable (OTP) Memory
The DWM1000 contains a 56x32 -bit user programmable OTP memory on the DW1000 device that is used to
store per chip calibration information.
1.7
Interrupts and Device Status
DWM1000 has a number of interrupt events that can be configured to drive the IRQ output pin. The default IRQ
pin polarity is active high. A number of status registers are provided in the system to monitor and report data of
interest. See DW1000 User Manual [3] for a full description of system interrupts and their configuration and of
status registers.
1.8
MAC
A number of MAC features are implemented including CRC generation, CRC checking and receive frame filtering.
See the DW1000 Datasheet [2] and DW1000 User Manual [3] for full details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com