Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DWM1000 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce DWM1000
Description  IEEE 802.15.4-2011 UWB Transceiver Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

DWM1000 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  DWM1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 5Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 6Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 7Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 8Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Product Overview
The DWM1000 module is based on Decawave's DW1000 Ultra
Wideband (UWB) transceiver IC. It integrates antenna, all RF
circuitry, power management and clock circuitry in one module.
It can be used in 2-way ranging or TDOA location systems to
locate assets to a precision of 10 cm and supports data rates of
up to 6.8 Mbps
Key Features
IEEE 802.15.4-2011 UWB
compliant
Supports 4 RF bands from
3.5 GHz to 6.5 GHz
Programmable transmitter
output power
Fully coherent receiver for
maximum range and accuracy
Designed to comply with FCC
& ETSI UWB spectral masks
Supply voltage 2.8 V to 3.6 V
Low power consumption
Data rates of 110 kbps,
850 kbps, 6.8 Mbps
Maximum packet length of
1023 bytes for high data
throughput applications
Integrated MAC support
features
Supports 2-way ranging and
TDOA
SPI interface to host processor
23 mm x 13 mm x 2.9 mm 24-
pin side castellation package
Key Benefits
Simplifies integration, no RF design
required
Very precise location of tagged objects
delivers enterprise efficiency gains and
cost reductions
Extended communications range
minimises required infrastructure in
RTLS
High multipath fading immunity
Supports very high tag densities in
RTLS
Low cost allows cost-effective
implementation of solutions
Low power consumption reduces the
need to replace batteries and lowers
system lifetime costs
Applications
Precision real time location systems
(RTLS) using two-way ranging or
TDOA schemes in a variety of
markets.
Location aware wireless sensor
networks (WSNs)
POWER MANAGEMENT
STATE CONTROLLER
ANALOG RECEIVER
HOST INTERFACE / SPI
PLL / CLOCK GENERATOR
ANALOG TRANSMITTER
SPI I/F
DW1000 IC
DC/DC
On-board
Antenna
On-board
Power
Management
On-board
Crystal and
Clock
Management
2.8 V to
3.6 V DC
supply
SPI Control
Interface
DWM1000
High Level Block Diagram


Numéro de pièce similaire - DWM1000

FabricantNo de pièceFiches techniqueDescription
logo
Qorvo, Inc
DWM1000 QORVO-DWM1000 Datasheet
1Mb / 33P
IEEE 802.15.4-2011 UWB Transceiver Module
More results

Description similaire - DWM1000

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
ZigBee/IEEE 802.15.4-Transceiver
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MA MICROCHIP-MRF24J40MA Datasheet
484Kb / 30P
2.4 GHz IEEE Std. 802.15.4 RF Transceiver Module
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
logo
Murata Manufacturing Co...
LPR2430A MURATA-LPR2430A Datasheet
319Kb / 5P
802.15.4 Transceiver Module
LPR2430 MURATA-LPR2430 Datasheet
380Kb / 6P
802.15.4 Transceiver Module
logo
List of Unclassifed Man...
DW1000 ETC2-DW1000 Datasheet
1Mb / 49P
IEEE802.15.4-2011 UWB Transceiver
DWM3000 ETC1-DWM3000 Datasheet
927Kb / 24P
IEEE 802.15.4-z UWB Transceiver Module
logo
Qorvo, Inc
DWM1001 QORVO-DWM1001 Datasheet
1Mb / 30P
6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
DWM1000 QORVO-DWM1000 Datasheet
1Mb / 33P
IEEE 802.15.4-2011 UWB Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com