Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DWM1000 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce DWM1000
Description  IEEE 802.15.4-2011 UWB Transceiver Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

DWM1000 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  DWM1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 5Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 6Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 7Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 8Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
DWM1000 Datasheet
© Decawave Ltd 2016
Version 1.7
Page 5
1
OVERVIEW
The DWM1000 module is an IEEE 802.15.4-2011 UWB implementation. RF components, Decawave DW1000
UWB transceiver, and other components reside on-module. DWM1000 enables cost effective and reduced
complexity integration of UWB communications and ranging features, greatly accelerating design implementation.
1.1
DWM1000 Functional Description
The DW1000 on board the DWM1000 is a fully integrated low-power, single chip CMOS RF transceiver IC
compliant with the IEEE 802.15.4-2011 [1] UWB standard. The DWM1000 module requires no RF design as the
antenna and associated analog and RF components are on the module.
The module contains an on-board 38.4 MHz reference crystal. The crystal has been trimmed in production to
reduce the initial frequency error to approximately 2 ppm
, using the DW1000 IC’s internal on-chip crystal trimming
circuit, see section 2.1.1.
Always-On (AON) memory can be used to retain DWM1000 configuration data during the lowest power operational
states when the on-chip voltage regulators are disabled. This data is uploaded and downloaded automatically. Use
of DWM1000 AON memory is configurable.
The on-chip voltage and temperature monitors allow the host to read the voltage on the VDDAON pin and the
internal die temperature information from the DW1000.
See the DW1000 Datasheet [2] for more detailed information on device functionality, electrical specifications and
typical performance.
1.2
DWM1000 Power Up
3.3 V Supplies
(VDDAON / VDD / VDD)
EXTON
RSTn
Von
INIT
POWER UP
Text_on
Tdig_on
STATE
OFF
Figure 1: DWM1000 Power-up Sequence
When power is applied to the DWM1000, RSTn is driven low by internal circuitry as part of its power up
sequence. See Figure 1 above. RSTn remains low until the on-module crystal oscillator has powered up and its
output is suitable for use by the rest of the device, at which time RSTn is deasserted high.
Table 1: DW1000 Power-up Timings
Parameter
Description
Nominal
Value
Units
VON
Voltage threshold to enable power up
2.0
V
TEXT_ON
Time at which EXTON goes high before RSTn is
released
3
ms
TDIG_ON
RSTn held low by internal reset circuit / driven low by
external reset circuit
3
ms
RSTn may be used as an output to reset external circuitry as part of system bring-up as power is applied.
An external circuit can reset the DWM1000 by asserting RSTn for a minimum of 10 ns. RSTn is an
asynchronous input. DW1000 initialization will proceed when the pin is released to high impedance. RSTn
should never be driven high by an external source.
Please see DW1000 Datasheet [2] for more details of DW1000 power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com