Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DWM1000 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce DWM1000
Description  IEEE 802.15.4-2011 UWB Transceiver Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

DWM1000 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DWM1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 5Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 6Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 7Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 8Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 9Page - List of Unclassifed Manufacturers DWM1000 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
DWM1000 Datasheet
© Decawave Ltd 2016
Version 1.7
Page 6
1.3
SPI Host Interface
The DW1000 host communications interface is a slave-only SPI. Both clock polarities (SPIPOL=0/1) and phases
(SPIPHA=0/1) are supported. The data transfer protocol supports single and multiple byte read/writes accesses.
All bytes are transferred MSB first and LSB last. A transfer is initiated by asserting SPICSn low and terminated
when SPICSn is deasserted high.
See the DW1000 Datasheet [2] for full details of the SPI interface operation and mode configuration for clock
phase and polarity.
Figure 2: DW1000 SPIPHA=0 Transfer Protocol
1.3.1
SPI Signal Timing
Figure 3: DWM1000 SPI Timing Diagram
Figure 4: DWM1000 SPI Detailed Timing Diagram
Table 2: DWM1000 SPI Timing Parameters
Parameter
Min
Typ
Max
Unit
Description
SPICLK
Period
50
ns
The maximum SPI frequency is 20 MHz when the CLKPLL is locked,
otherwise the maximum SPI frequency is 3 MHz.
t1
38
ns
SPICSn select asserted low to valid slave output data
t2
12
ns
SPICLK low to valid slave output data
t3
10
ns
Master data setup time
t4
10
ns
Master data hold time
SPIPOL=0, SPIPHA=0
z
MSB
6
5
4
3
2
1
LSB
SPICLK
SPICSn
Cycle
Number, #
SPIMISO
SPIMOSI
SPIPOL=1, SPIPHA=0
SPICLK
z
MSB
6
5
4
3
2
1
LSB
1
2
3
4
5
6
7
8
MSB
LSB
MSB
LSB
9
8*Number of
bytes
X
X
Z
Z
SPICSn
SPICLK
SPIMISO
SPIMOSI
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5
7
6
5
t8
t9
t6
t5
t7
SPICSn
S PICLK
SPIMISO
SPIMOSI
7
6
5
Bit 7
Bit 6
Bit 5
t 1
t4
t3
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com