| Moteur de recherche de fiches techniques de composants électroniques |
|
PCD6003 Fiches technique(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD6003 Fiches technique(HTML) 33 Page - NXP Semiconductors |
|
33 / 96 page ![]() 2001 Apr 17 33 Philips Semiconductors Product specification Digital telephone answering machine chip PCD6003 Table 25 MCB timing Notes 1. N depends on the chosen FSK clock rate and can be 4, 8, 16 and 32. 2. The rise time of FSK and FSO depends on the externally connected pull-up resistor and the capacitive load. SYMBOL PARAMETER VALUE TFSK FSK period N × tmicro_clock; note 1 tsu(FSO) FSO setup time with respect to the rising edge of FSK (N/2 + 1) × tmicro_clock − tr(FSO) th(FSO) FSO hold time with respect to the rising edge of FSK (N/2 − 1) × tmicro_clock − tr(FSK) tr(FSK) FSK rise time note 2 tr(FSO) FSO rise time note 2 tsu(FSI) FSI setup time with respect to the internal shift clock (N/2 + 1) × tmicro_clock − tV(FSI) th(FSI) FSI hold time with respect to the internal shift clock >tmicro_clock tV(FSI) FSI valid time with respect to the falling edge of FSK depending on the used flash memory handbook, full pagewidth FSO FSI FSK FSO O2 O1 O0 O5 O4 DATA OUT DATA IN O3 O6 O7 FSI FSK I7 I6 th(FSO) tr(FSO) MGM776 MCB ON MCSD WRITE MCSD READ slave shift in slave shift out slave shift out MCB SHIFT OFF MCSD READ MCB OFF tr(FSK) tV(FSI) th(FSI) TFSK tsu(FSO) tsu(FSI) Fig.12 MCB timing for a Microwire compatible device. |