Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCD6003 Fiches technique(PDF) 21 Page - NXP Semiconductors

No de pièce PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Fiches technique(HTML) 21 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 17Page - NXP Semiconductors PCD6003 Datasheet HTML 18Page - NXP Semiconductors PCD6003 Datasheet HTML 19Page - NXP Semiconductors PCD6003 Datasheet HTML 20Page - NXP Semiconductors PCD6003 Datasheet HTML 21Page - NXP Semiconductors PCD6003 Datasheet HTML 22Page - NXP Semiconductors PCD6003 Datasheet HTML 23Page - NXP Semiconductors PCD6003 Datasheet HTML 24Page - NXP Semiconductors PCD6003 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
2001 Apr 17
21
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
handbook, full pagewidth
MGT432
IRQ1/IX1
GROUP
IF
MSK
TICB
ANA
ANALOG
FUNCTIONS
DSP
I/O PADS
P1, P3
RD,WR
FLASH
I2C-BUS
FLASH
CAD
FLASH
PARALLEL
FLASH
MICROWIRE/
SPI
EXTERNAL
64-kbyte
SRAM
I/O PADS
P4
DSP
CD
MSEL
PORT1
WD
WDRST
PORT3
MODE
CONTROL
RAMIF
CPU
XMEMU
PORT4
I PAD
RST_IN
I PAD
RST_ANA
O PAD
MRST
O PAD
DIS_XTAL
I2C-BUS
I2C-bus_int
ARD
PCON.2
to
PCON.7
MCB
I/O PADS
P0, P2
PSEN
EA
ALE
SF
GROUP INT.
TIMER 0
TIMER 1
PCON.0
to
PCON.1
INT15L2
SRAM
MAIN/AUX
RAM
256/512
BYTES
APPLICATION
SPECIFIC
FUNCTIONS
EX0 to EX6
DSP_req
MSK_INT
ROMIF
INTERNAL
32 KBYTE
ROM
µCMS 80C51 CORE
µC_CLK
MRST
osc_off
pad_ale
pad_ea_n
TICBIF
SPCON[7]
DSP_event
TIME_event
RTC_event
FS_event
TICB
DRAM
ARAM
Fig.7 Microcontroller (MS 80C51) architecture and environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96