| Moteur de recherche de fiches techniques de composants électroniques |
|
PCD6003 Fiches technique(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD6003 Fiches technique(HTML) 29 Page - NXP Semiconductors |
|
29 / 96 page ![]() 2001 Apr 17 29 Philips Semiconductors Product specification Digital telephone answering machine chip PCD6003 10.4.3 INTERRUPT ENABLE REGISTER 0 (IEN0) Table 17 Interrupt Enable Register 0 (SFR address A8H); reset state 00H 10.4.4 INTERRUPT ENABLE REGISTER 1 (IEN1) Table 18 Interrupt Enable Register 1 (SFR address E8H); reset state 00H 10.4.5 INTERRUPT REQUEST FLAG REGISTER (IRQ1) Table 19 Interrupt Request Flag Register 1 (SFR address C0H); reset state 00H; note 1 Note 1. The flags of IRQ1 will be set to logic 1 by hardware if the interrupt occurs. They must be cleared by software in the interrupt service routine. 10.4.6 INTERRUPT POLARITY REGISTER (IX1) Table 20 Interrupt Polarity Register (SFR address E9H); reset state 00H; note 1 Note 1. A polarity bit set to logic 1 in IX1 will cause the external interrupt to be active HIGH. 10.4.7 INTERRUPT CONTROL REGISTER (INTC) Table 21 Interrupt Control Register (SFR address C1H); reset state 00H 10.4.8 EXTERNAL WAKE-UP DISABLE REGISTER (XWUD) Table 22 External Wake-up Disable Register (SFR address B9H); reset state 00H 76543210 global enable enable FS_event enable TIME enable MSK_event enable T1 enable EX1 enable T0 enable EX0 76543210 enable RTC enable DSP enable I2C enable EX6 enable EX5 enable EX4 enable EX3 enable EX2 76543210 RTC flag DSP flag TIME flag EX6 flag EX5 flag EX4 flag EX3 flag EX2 flag 76543210 spare spare spare polarity EX6 polarity EX5 polarity EX4 polarity EX3 polarity EX2 76543210 spare spare spare spare spare spare extended wake-up; XWU FS flag 76543210 RTC XWU disable DSP XWU disable TIME XWU disable EX6 XWU disable EX5 XWU disable EX4 XWU disable EX3 XWU disable EX2 XWU disable |