| Moteur de recherche de fiches techniques de composants électroniques |
|
PCD6003 Fiches technique(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD6003 Fiches technique(HTML) 28 Page - NXP Semiconductors |
|
28 / 96 page ![]() 2001 Apr 17 28 Philips Semiconductors Product specification Digital telephone answering machine chip PCD6003 10.4.1 INTERRUPT PRIORITY REGISTER 0 (IP0) Table 15 Interrupt Priority Register 0 (SFR address B8H); reset state 00H 10.4.2 Interrupt Priority Register 1 (IP1) Table 16 Interrupt Priority Register 1 (SFR address F8H); reset state 00H 7 6 543210 − priority FS_event priority TIME priority MSK priority T1 priority EX1 priority T0 priority EX0 76543210 priority RTC priority DSP priority I2C priority EX6 priority EX5 priority EX4 priority EX3 priority EX2 handbook, full pagewidth MGM774 TIME_event FS_event DSP_event RTC_event EX6 EX5 EX4 EX3 EX2 IX.4 IX.3 IX.2 IX.1 IX.0 MSK T1 EX1 T0 EX0 I2C-BUS TCON.0 TCON.1 IEN0.0 IEN0.1 IEN0.2 IEN0.3 IEN0.4 IEN0.5 IEN0.6 IEN1.0 IEN1.1 IEN1.2 IEN1.3 IEN1.4 IEN1.5 IEN1.6 IEN1.7 TCON.5 TCON.3 TCON.7 MSTAT.0 MSTAT.1 S1CON.3 INTC.0 IRQ1.0 IRQ1.1 IRQ1.2 IRQ1.3 IRQ1.4 IRQ1.5 IRQ1.6 IRQ1.7 clocks EXP1N XWUD.0 to XWUD.7 XWUD EDGE/LEVEL SOURCE FLAGS ENABLE TCON.2 IP0.0 IP0.1 IP0.2 IP0.3 IP0.4 IP0.5 IP0.6 IP1.0 IP1.1 IP1.2 IP1.3 IP1.4 IP1.5 IP1.6 IP1.7 PRIORITY INTERRUPT SCANNING INTERRUPT CONTROLLER EXP1N + XWU POLARITY Fig.10 PCD6003/80C51 interrupt system. |