Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS9912 Fiches technique(PDF) 21 Page - Fortune Semiconductor Corp.

No de pièce FS9912
Description  8-bit MCU with 4k program ROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FORTUNE [Fortune Semiconductor Corp.]
Site Internet  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9912 Fiches technique(HTML) 21 Page - Fortune Semiconductor Corp.

Back Button FS9912 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 25Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
FS9912
Rev. 3.6
21/34
HALT
Stop CPU Core Clock
Syntax
HALT
Operation
CPU Stop
Status Affected
None
Description
CPU clock is stopped. Oscillator is running. CPU can be waked up by internal and
external interrupt sources.
SLEEP
Oscillator stop
Syntax
SLEEP
Operation
CPU oscillator is stopped
Status Affected
PD
Description
CPU oscillator is stopped. CPU can be waked up by external interrupt sources.
PS. Please make sure all interrupt flags are cleared before running SLEEP; "NOP" command must follow HALT
and SLEEP commands.
CLRWDT
Clear watch dog timer counter
Syntax
CLRWDT
Operation
Watch dog timer counter will reset
Status Affected
None
Description
CLRWDT instruction will reset watch dog timer counter.
BSF
Bit Set f
Syntax
BSF
f, b
Operation
1 => M (f) [b]
Status Affected
None
Description
Bit b in M (f) is set to 1.
BCF
Bit Clear f
Syntax
BCF
f, b
Operation
0 => M (f) [b]
Status Affected
None
Description
Bit b in M (f) is reset to 0.
BTFSC
Bit Test skip if Clear
Syntax
BTFSCf, b
Operation
Skip if M (f) [b] = 0
Status Affected
None
Description
If bit 'b' in M (f) is 0, the next fetched instruction is discarded and a NOP is
executed instead making it a two-cycle instruction.
BTFSS
Bit Test skip if Set
Syntax
BTFSSf, b
Operation
Skip if M (f) [b] = 1
Status Affected
None
Description
If bit 'b' in M (f) is 1, the next fetched instruction is discarded and a NOP is
executed instead making it a two-cycle instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34