| Moteur de recherche de fiches techniques de composants électroniques |
|
FS9912 Fiches technique(PDF) 18 Page - Fortune Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
FS9912 Fiches technique(HTML) 18 Page - Fortune Semiconductor Corp. |
|
18 / 34 page ![]() FS9912 Rev. 3.6 18/34 Status Affected Z Description M (f) is decremented. If d is 0, the result is stored in the W register. If d is 1, the result is stored back in M (f). DECFSZ Decrement f, skip if zero Syntax DECFSZ f, d Operation M (f) - 1 => (destination), skip if result is zero Status Affected None Description M (f) is decremented. If d is 0, the result is stored in the W register. If d is 1, the result is stored back in M (f). If the result is 0, then the next fetched instruction is discarded and a NOP is executed instead making it a two-cycle instruction. SUBWF Subtract W from f Syntax SUBWF f, d Operation M (f) + NOT (W) + 1 => (destination) Status Affected DC, C, Z Description Subtract the content of the W register from M (f). If d is 0, the result is stored in the W register. If d is 1, the result is stored back in M (f), COMF Complement f Syntax COMF f, d Operation NOT (M (f)) => M (f) Status Affected Z Description M (f) is complemented. If d is 0, the result is stored in the W register. If d is 1, the result is stored back in M (f) MOVWF Move W to f Syntax MOVWF f Operation W => M (f) Status Affected None Description Move data from the W register to M (f). MOVFW Move f to W Syntax MOVFW f Operation M (f) => W Status Affected None Description Move data from M (f) to the W register. ADDWFC Add W, f and Carry Syntax ADDWFCf, d Operation W + M (f) + C => (destination) Status Affected DC, C, Z Description Add the content of the W register, M (f) and Carry bit. If d is 0, the result is stored in the W register. If d is 1, the result is stored back in M (f). ANDWF And W and f Syntax ANDWF f, d Operation W AND M (f) => (destination) Status Affected Z Description AND the content of the W register with M (f). If d is 0, the result is stored in the W register. If d is 1, the result is stored back in M (f). IORWF Inclusive OR W and f Syntax IORWFf, d Operation W OR M (f) => (destination) Status Affected Z Description Inclusive OR the content of the W register and M (f). If d is 0, the result is stored in |