| Moteur de recherche de fiches techniques de composants électroniques |
|
FS9912 Fiches technique(PDF) 30 Page - Fortune Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
FS9912 Fiches technique(HTML) 30 Page - Fortune Semiconductor Corp. |
|
30 / 34 page ![]() FS9912 Rev. 3.6 30/34 B VDDA Regulator VDDA Regulator uses Bias Circuit as its bias current, while Bias Circuit uses VDDA power. According to the test so far, when VDD<2.7V, it is easy to got the Start up problem and cause VDDA unable to start up. We strongly recommend our customer doing the following setup when start VDDA Regulator. This setup can make VDDA have one Diode Connection to VDD and start up VDDA Regulator Example: MOVLW 10001111B MOVWF NETD MOVLW 00100000B MOVWF NETA MOVLW 00000101B MOVWF NETB CALL DELAY10ms Customer must know how to use FS9912_ICE to test the operating current of the chip, and test actually the operating current of the chip and sleep current for corresponding custom specification. Reference Document: ”FS9912_ICEUserManual_VXX”. |