| Moteur de recherche de fiches techniques de composants électroniques |
|
FS9912 Fiches technique(PDF) 20 Page - Fortune Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
FS9912 Fiches technique(HTML) 20 Page - Fortune Semiconductor Corp. |
|
20 / 34 page ![]() FS9912 Rev. 3.6 20/34 XORLW Exclusive OR literal with W Syntax XORLW k Operation W XOR k => W Status Affected Z Description Exclusive OR the content of the W register and the eight-bit literal "k". The result is stored in the W register. MOVLW Move literal to W Syntax MOVLW k Operation k => W Status Affected None Description Move the eight-bit literal "k" to the content of the W register. RETLW Return and move literal to W Syntax RETLW k Operation k => W [Top Stack] => PC Pop Stack Status Affected None Description Move the eight-bit literal "k" to the content of the W register. The program counter is loaded from the top stack, then pop stack. CALL Subroutine CALL Syntax CALL k Operation Push Stack PC + 1 => [Top Stack] k => PC Status Affected None Description Subroutine Call. First, return address PC + 1 is pushed onto the stack. The immediate address is loaded into PC. GOTO Unconditional Branch Syntax GOTO k Operation k => PC Status Affected None Description The immediate address is loaded into PC. Return Return from Subroutine Syntax RETURN Operation [Top Stack] => PC Pop Stack Status Affected None Description The program counter is loaded from the top stack, then pop stack. RETFIE Return from Interrupt Syntax RETFIE Operation [Top Stack] => PC Pop Stack 1 => GIE Status Affected None Description The program counter is loaded from the top stack, then pop stack. Setting the GIE bit enables interrupts. ADDPCW ADD W to Program Counter Syntax ADDPCW Operation PC + 1 + W => PC Status Affected None Description The relative address PC + 1 + W is loaded into PC. The working register must less than 80h (128d). |