Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AR8327-AL1A-R Fiches technique(PDF) 183 Page - List of Unclassifed Manufacturers

No de pièce AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Fiches technique(HTML) 183 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 179Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 180Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 181Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 182Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 183Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 184Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 185Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 186Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 187Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
183
3.7.4
LAN_QUEUE_MAP_REG
Address 0x0814
SFT&HW RST
Table 3-155, “LAN Port PRI to Queue Mapping Register,” on page 183 summarizes the
LAN_QUEUE_MAP_REG Register
Table 3-155.
LAN Port PRI to Queue Mapping Register
3
R/O
0
RESERVED
2:0
R/W
0
WAN_PRI_QUEUE_0X0
The destination Queue for priority
value 0x0 in port 0, 5 and 6
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:30
R/O
0
RESERVED
29:28
R/W
0
LAN_PRI_QUEUE_0X7
The destination Queue for priority
value 0x7 in port 1, 2, 3 and 4
27:26
R/O
0
RESERVED
25:24
R/W
0
LAN_PRI_QUEUE_0X6
The destination Queue for priority
value 0x6 in port 1, 2, 3 and 4
23:22
R/O
0
RESERVED
21:20
R/W
0
LAN_PRI_QUEUE_0X5LAN_PRI
_QUEUE_0X5
The destination Queue for priority
value 0x5 in port 1, 2, 3 and 4
19:18
R/O
0
RESERVED
17:16
R/W
0
LAN_PRI_QUEUE_0X4
The destination Queue for priority
value 0x4 in port 1, 2, 3 and 4
15:14
R/O
0
RESERVED
13:12
R/W
0
LAN_PRI_QUEUE_0X3
The destination Queue for priority
value 0x3 in port 1, 2, 3 and 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More