Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AR8327-AL1A-R Fiches technique(PDF) 64 Page - List of Unclassifed Manufacturers

No de pièce AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Fiches technique(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 60Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 61Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 62Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 63Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 64Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 65Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 66Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 67Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 394 page
background image
64 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
64 • June 2011
COMPANY CONFIDENTIAL
3.2.6
GLOBAL_INT0
Address 0x0020
SFT&HW RST
Table 3-9 summarizes the GLOBAL_INT0 register.
9:8
R/W
1
RESERVED
7
R/W
0
SERDES_AEN
SerDes auto negotiation disable
0 = enable auto negotiation
1 = disable auto negotiation
6R/W
0
RESERVED
5R/W
1
RESERVED
4:0
R/W
0
RESERVED
Table 3-8.
Power-on Strapping Register
Bit
R/W
Inital
Value
Mnemonic
Description
Table 3-9.
Global Interrupt Register 0
Bit
R/W
Inital
Value
Mnemonic
Description
31:30
R/O
0
RESERVED
29
R/W1C
0
ACL_INI_INT
Interrupt when ACL memory initial done.
28
R/W1C
0
LOOKUP_INI_INT
Interrupt when address table initial
done.(including ARL, Reserved ARL,
VLAN)
27
R/W1C
0
QM_INI_INT
Interrupt when qm memory initial done.
26
R/W1C
0
MIB_INI_INT
Interrupt when mib memory initial done.
25
R/W1C
0
OFFLOAD_INI_INT
Interrupt when OFFLOAD memory initial
done.
24
R/W1C
0
HARDWARE_INI_DONE
Interrupt when hardware memory initial
done.
23
R/W1C
0
ACL_MATCH_INT
Interrupt when acl match(and
acl_match_int_en in acl result is 1'b1)
22
R/W1C
0
ARL_DONE_INT
Interrupt when Address table was accessed
done by CPU.
21
R/W1C
0
ARL_CPU_FULL_INT
Interrupt when CPU load a new address in
address table, but the address's two entries
are all valid.
20
R/W1C
0
VT_DONE_INT
VLAN table was accessed done by CPU.
19
R/W1C
0
MIB_DONE_INT
MIB accesse done by cpu.
18
R/W1C
0
ACL_DONE_INT
Interrupt when ACL access done by CPU
17
R/W1C
0
OFFLOAD_DONE_INT
Interrupt when OFFLOAD table access done
by CPU
16
R/W1C
0
OFFLOAD_CPU_FULL_DO
NE_INT
Interrupt when CPU load a new entry in
HNAT table, but the OFFLOAD's entries are
all valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More