Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AR8327-AL1A-R Fiches technique(PDF) 182 Page - List of Unclassifed Manufacturers

No de pièce AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Fiches technique(HTML) 182 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 178Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 179Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 180Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 181Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 182Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 183Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 184Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 185Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 186Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 394 page
background image
182 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
182 • June 2011
COMPANY CONFIDENTIAL
3.7.3
WAN_QUEUE_MAP_REG
Address 0x0810
SFT&HW RST
Table 3-154, “WAN Port PRI to Queue Mapping Register,” on page 182 summarizes the
WAN_QUEUE_MAP_REG Register
Table 3-154.
WAN Port PRI to Queue Mapping Register
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/O
0
RESERVED
30:28
R/W
0
WAN_PRI_QUEUE_0X7
The destination Queue for priority
value 0x7 in port 0, 5 and 6
27
R/O
0
RESERVED
26:24
R/W
0
WAN_PRI_QUEUE_0X6
The destination Queue for priority
value 0x6 in port 0, 5 and 6
23
R/O
0
RESERVED
22:20
R/W
0
WAN_PRI_QUEUE_0X5
The destination Queue for priority
value 0x5 in port 0, 5 and 6
19
R/O
0
RESERVED
18:16
R/W
0
WAN_PRI_QUEUE_0X4
The destination Queue for priority
value 0x4 in port 0, 5 and 6
15
R/O
0
RESERVED
14:12
R/W
0
WAN_PRI_QUEUE_0X3
The destination Queue for priority
value 0x3 in port 0, 5 and 6
11
R/O
0
RESERVED
10:8
R/W
0
WAN_PRI_QUEUE_0X2
The destination Queue for priority
value 0x2 in port 0, 5 and 6
7R/O
0
RESERVED
6:4
R/W
0
WAN_PRI_QUEUE_0X1
The destination Queue for priority
value 0x1 in port 0, 5 and 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More