Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBM29PL64LM90PCN Fiches technique(PDF) 67 Page - SPANSION

No de pièce MBM29PL64LM90PCN
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM90PCN Fiches technique(HTML) 67 Page - SPANSION

Back Button MBM29PL64LM90PCN Datasheet HTML 61Page - SPANSION MBM29PL64LM90PCN Datasheet HTML 62Page - SPANSION MBM29PL64LM90PCN Datasheet HTML 63Page - SPANSION MBM29PL64LM90PCN Datasheet HTML 64Page - SPANSION MBM29PL64LM90PCN Datasheet HTML 65Page - SPANSION MBM29PL64LM90PCN Datasheet HTML 66Page - SPANSION MBM29PL64LM90PCN Datasheet HTML 67Page - SPANSION MBM29PL64LM90PCN Datasheet HTML 68Page - SPANSION MBM29PL64LM90PCN Datasheet HTML 69Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 67 / 69 page
background image
MBM29PL64LM90/10
66
(Continued)
56-pin plastic TSOP(1)
(FPT-56P-M01)
Note 1) *1 : Resn protrusion. (Each side : +0.15 (.006) Max).
Note 2) *2 : These dimensions do not include resin protrusion.
Note 3) Pins width and pins thickness include plating thickness.
Note 4) Pins width do not include tie bar cutting remainder.
Dimensions in mm (inches)
Note : The values in parentheses are reference values.
C
2002 FUJITSU LIMITED F56001S-c-4-5
18.40±0.10(.724±.004)
20.00±0.20(.787±.008)
14.00±0.10
M
0.10(.004)
0.10±0.05
(.004±.002)
1
28
56
29
0.08(.003)
(.551±.004)
(Stand off)
LEAD No.
Details of "A" part
0.60±0.15
(.024±.006)
0˚~8˚
.007±.001
0.17±0.03
0.22±0.05
(.009±.002)
(Mounting height)
INDEX
"A"
.043 –.002
+.004
–0.05
+0.10
1.10
0.50(.020)
0.25(.010)
*1
*2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69