| Moteur de recherche de fiches techniques de composants électroniques |
|
MBM29PL64LM90PCN Fiches technique(PDF) 57 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MBM29PL64LM90PCN Fiches technique(HTML) 57 Page - SPANSION |
|
57 / 69 page ![]() MBM29PL64LM90/10 56 s s s s FLOW CHART 555h/AAh 555h/A0h 2AAh/55h Program Address/Program Data Programming Completed Last Address ? Increment Address Verify Data ? Data Polling Program Command Sequence (Address/Command) : Write Program Command Sequence (See Below) Start No No Yes Yes Embedded Program Algorithm in progress EMBEDDED ALGORITHMS Note : The sequence is applied for Word ( ×16 ) mode. The addresses differ from Byte ( × 8 ) mode. Embedded ProgramTM Algorithm |