| Moteur de recherche de fiches techniques de composants électroniques |
|
MBM29PL64LM90PCN Fiches technique(PDF) 60 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MBM29PL64LM90PCN Fiches technique(HTML) 60 Page - SPANSION |
|
60 / 69 page ![]() MBM29PL64LM90/10 59 *1 : Read Toggle bit twice to determine whether it is toggling. *2 : Recheck Toggle bit because it may stop toggling as DQ5 changes to “1”. DQ6 = Toggle DQ5 = 1? Read DQ7 to DQ0 Addr. = "H" or "L" Read DQ7 to DQ0 Addr. = "H" or "L" Read DQ7 to DQ0 Addr. = "H" or "L" Start No No Yes Yes *1 *1, *2 ? No Yes Program/Erase Operation Not Complete.Write Reset Command Program/Erase Operation Complete DQ6 = Toggle ? Read DQ7 to DQ0 Addr. = "H" or "L" *1, *2 *1 Wait 4 ms after issuing Program Command Toggle Bit Algorithm |