| Moteur de recherche de fiches techniques de composants électroniques |
|
MBM29PL64LM90PCN Fiches technique(PDF) 59 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MBM29PL64LM90PCN Fiches technique(HTML) 59 Page - SPANSION |
|
59 / 69 page ![]() MBM29PL64LM90/10 58 DQ 7 = Data? * No No DQ 7 = Data? DQ 5 = 1? Yes Yes No Read Byte (DQ 7 to DQ 0) Addr. = VA Read Byte (DQ 7 to DQ 0) Addr. = VA Yes Start Fail Pass Wait 4 ms after issuing Program Command * : DQ7 is rechecked even if DQ5 = “1” because DQ7 may change simultaneously with DQ5. VA = Valid address for programming = Any of the sector addresses within the sector being erased during sector erase or multiple sector erases operation = Any of the sector addresses within the sector not being protected during chip erase operation Data Polling Algorithm |