| Moteur de recherche de fiches techniques de composants électroniques |
|
E32-R16 Fiches technique(PDF) 54 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E32-R16 Fiches technique(HTML) 54 Page - Omron Electronics LLC |
|
54 / 108 page ![]() E32 E32 55 J EXCESS GAIN RATIO (CONT.) Through-beam Type, General Purpose E32-T11L with E39-F1 and E3X-NH amplifier Sensing distance E32-T11R with E39-F2 and E3X-NH amplifier E32-T11L with E39-F3 and E3X-NH amplifier Target E32-T11L with E3X-NVG amplifier E3X-NVG Sensing distance (mm) Detection distance Operating level Sensing distance E32-T11R with E3X-NH amplifier E32-T12L with E3X-A, E3X-F and E3X-VG amplifiers Sensing distance (mm) Operating level 0 200 400 600 800 1000 1 2 3 4 5 6 E3X-VGj E3X-Fj E3X-Aj W1E3X-NH Sensing distance (m) E3X-Aj E3X-Fj E3X-VGj Operating level E32-T17L with E3X-A, E3X-F and E3X-VG amplifiers Sensing distance (m) Sensingdistance E32-T17L with E3X-H11 amplifier E32-T17L with E3X-NH amplifier Sensing distance Sensing distance (mm) Sensing distance (mm) Sensing distance (mm) Sensing distance (mm) Sensing distance (m) Sensing distance Sensing distance Sensing distance Sensing distance Sensing distance |