| Moteur de recherche de fiches techniques de composants électroniques |
|
E32-R16 Fiches technique(PDF) 64 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E32-R16 Fiches technique(HTML) 64 Page - Omron Electronics LLC |
|
64 / 108 page ![]() E32 E32 65 J EXCESS GAIN RATIO (CONT.) Diffuse, General Purpose E32-D21L with E3X-DA amplifier Sensing distance (mm) Oper- ating level Sensing distance (mm) Sensing distance Target E32-D21L with E3X-NA amplifier Sensing distance (mm) Sensing distance Sensing target E32-D21R with E3X-NH amplifier E32-D21L with E3X-A, E3X-F and E3X-V amplifiers Sensing distance (mm) Sensing distance Sensing object E3X-Aj j E3X-VGj Operating level Sensing distance (mm) 100 10 1 0 10 30 40 0.1 20 E32-D32 with E3JU-XR amplifier Sensing distance (mm) Operating level E32-D32 with E3X-A11 amplifier E32-DC50/DC200/DC500/DC1000 with E3X-A11 amplifier Sensing distance (mm) E32-DC200 with E3X-DA amplifier Sensing distance (mm) Oper- ating level E32-DC200 with E3X-A11 amplifier Sensing distance (mm) Sensing distance High speed Standard Long distance E3X-F Operating level High speed Standard Long distance |