| Moteur de recherche de fiches techniques de composants électroniques |
|
E32-R16 Fiches technique(PDF) 87 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E32-R16 Fiches technique(HTML) 87 Page - Omron Electronics LLC |
|
87 / 108 page ![]() E32 E32 88 J ANALOG OUTPUT VS. DISTANCE (STANDARD MODE) E32-TC200 with E3X-DAN amplifier (Through-beam) E32-DC200 with E3X-DAN amplifier (Diffuse) Distance (mm) Distance (mm) J ADDITIONAL DATA With standard sensing object. With standard target at maximum sensitivity. Sensing Distance vs. Operating Range E32-DC200 with E3X-DAN amplifier (Reflective) Differential Travel vs. Sensing Distance E32-D11L with E3X-DAN amplifier (Reflective) Repeat Accuracy vs. Sensing Distance E32-DC200 with E3X-DAN amplifier (Reflective) 0.1-dia. copper wire 0.02-dia. copper wire 0.4-dia. copper wire Distance X (mm) Standard High speed Long distance Distance Differential travel Distance (mm) High speed Long distance Standard Sensing object: White paper (µm) Sensing object: White paper Distance (mm) |