Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E32-R16 Fiches technique(PDF) 74 Page - Omron Electronics LLC

No de pièce E32-R16
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Fiches technique(HTML) 74 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 70Page - Omron Electronics LLC E32-R16 Datasheet HTML 71Page - Omron Electronics LLC E32-R16 Datasheet HTML 72Page - Omron Electronics LLC E32-R16 Datasheet HTML 73Page - Omron Electronics LLC E32-R16 Datasheet HTML 74Page - Omron Electronics LLC E32-R16 Datasheet HTML 75Page - Omron Electronics LLC E32-R16 Datasheet HTML 76Page - Omron Electronics LLC E32-R16 Datasheet HTML 77Page - Omron Electronics LLC E32-R16 Datasheet HTML 78Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 108 page
background image
E32
E32
75
J
OPERATING RANGE (CONT.)
Through-beam, General Purpose Type
E32-T22 with E3X-A, E3X-F, and
E3X-VG amplifiers
E32-T22 with E3X-NH amplifier
E32-T22 with E3JU-XR amplifier
E32-T22L with E3X-A, E3X-F, and E3X-VG amplifiers
E32-TC50 with E3X-A11 amplifier
E32-T21L with E3X-NH amplifier
E32-T21R with E3X-NH amplifier
E32-TC200 with E3X-A11 amplifier
E32-TC200 with E3X-DAN amplifier
Sensing distance (mm)
30
20
10
0
-10
-20
-30
040
80
120
Sensing distance X (mm)
Sensing distance X (mm)
Long distance
Highspeed
Standard
E3X-VGj
E3X-Aj
E3X-Fj
E3X-VGj
E3X-Fj
E3X-Aj
E3X-VGj
E3X-Aj
E3X-Fj
E3X-VGj
E3X-Aj
E3X-Fj
Sensing distance X (mm)
Sensing distance X (mm)
Sensing distance X (mm)
Sensing distance X (mm)
Sensing distance X (m)
Sensing distance X (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More