Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX90621 Fiches technique(PDF) 23 Page - Melexis Microelectronic Systems

No de pièce MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Fiches technique(HTML) 23 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 27Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 23 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
The calculated values for the different resolution settings are given in the table below:
ConfigRegister[5:4] (bin)
¹º»(¼,½)
¹¾¿ ¹º»(¼,½)¾ÀÁ¿ÂÃÄÅÆÂÇ
¥¦§¨©(¼,½)
ÄÈ
To, °C
00
0x0036
0xFFFB
59.066455078125
1.98353239494464E-08
-4.9221144181793E-09
59.67
01
0x006D
0xFFF7
118.38291015625
3.96706478988929E-08
-9.8455068127298E-09
59.72
10
0x00DB
0xFFEE
237.7658203125
7.93412957977857E-08
-1.9696122547076E-08
59.81
11
0x01B7
0xFFDC
476.531640625
1.58682591595571E-07
-3.9397351035512E-08
59.85
Table 10 Calculated values at different resolution settings
Detailed description, Block description
8.
Pixel position
8.1.
The array consists of 64 IR sensors (also called pixels). Each pixel is identified with its row and column position as
Pix(i,j) where i is its row number (from 0 to 3) and j is its column number (from 0 to 15)
Figure 15 Pixel position in the whole FOV
Reference pin
Row 0
Row 1
Row 2
Row 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44