| Moteur de recherche de fiches techniques de composants électroniques |
|
MLX90621 Fiches technique(PDF) 19 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
MLX90621 Fiches technique(HTML) 19 Page - Melexis Microelectronic Systems |
|
19 / 44 page ![]() MLX90621 16x4 IR array Datasheet 39001090621 Page 19 of 44 Datasheet IR16x4 Rev 3.0 15 September 2016 ŒFP 6M|∗…ndZV…nd[ 6¯g‰†™žt∗6jmnopqrscts8u:v= ŒGZ, ŒR[,ŒFPZ, ŒFP[, ∆Œ(J,•),ŒR‰†™žt and∆Œ••/°- arestored in theEEPROM asunsigned values Calculating ±²³ 7.3.3.1 1•N _‰v_bb 6(´‰_‰†™žtkµ) , stored in EEPRPOM at addresses 0x9E as two’s complement value All parameters necessary to calculate To are stored into EEPROM at following addresses: EEPROM address Cell name Stored as Parameter 0x00…0x3F ∆ J unsigned IR pixel individual offset delta coefficient 0x40…0x7F J(J,•) 2’s complement Individual Ta dependence (slope) of IR pixels offset 0x80…0xBF ∆Œ(J,•) unsigned Individual sensitivity coefficient 0xC0 Ks_scale unsigned [7:4] – NA [3:0] – Ks_scale - 8 0xC4 1•N_OO 2’s complement Sensitivity To dependence (slope) 0xD0 •GŽŽGH[ 2’s complement IR pixel common offset coefficient 0xD1 •GŽŽGHZ 0xD3 FP[ 2’s complement Compensation pixel individual offset coefficient 0xD4 FPZ 0xD5 FP 2’s complement Individual Ta dependence (slope) of the compensation pixel offset 0xD6 ŒFP[ unsigned Sensitivity coefficient of the compensation pixel 0xD7 ŒFPZ 0xD8 ¡ 2’s complement Thermal gradient coefficient 0xD9 ∆ J‰†™žt, J‰†™žt unsigned [7:4] – Scaling coeff for the IR pixels offset [3:0] – Scaling coeff of the IR pixels offset Ta dependence 0xE0 ŒR[ unsigned Common sensitivity coefficient of IR pixels 0xE1 ŒRZ 0xE2 ŒR‰†™žt unsigned Scaling coefficient for common sensitivity 0xE3 ∆Œ••/°- unsigned Scaling coefficient for individual sensitivity 0xE4 ¤. unsigned Emissivity 0xE5 ¤: 0xE6 1 . 2’s complement KsTa (fixed scale coefficient = 20) 0xE7 1 : Table 8 EEPROM parameters for To calculations |