| Moteur de recherche de fiches techniques de composants électroniques |
|
MLX90621 Fiches technique(PDF) 15 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
MLX90621 Fiches technique(HTML) 15 Page - Melexis Microelectronic Systems |
|
15 / 44 page ![]() MLX90621 16x4 IR array Datasheet 39001090621 Page 15 of 44 Datasheet IR16x4 Rev 3.0 15 September 2016 Example for Ta calculations 7.3.2. Let’s assume that the values in EEPROM are as follows (Derived using maximum resolution – ConfigRegister[5:4] = 11b): EEPROM address Cell name Cell values (hex) 0xDA VTH_L 0x20 0xDB VTH_H 0x64 0xDC KT1_L 0x89 0xDD KT1_H 0x55 0xDE KT2_L 0x7E 0xDF KT2_H 0x5E 0xD2 KT_scale 0x8B Table 6 EXAMPLE for Ta calibration values Let’s assume that the maximum resolution is set in the configuration register: ConfigRegister[5:4] = 11b 92:(25) 256 ∗92:_: 4 92:_. 256 ∗ 1004 32 25632 Sign check: 25632 X 32768 → 92:(25) 25632 92:(25) 92:(25) 2DEFGHIJKL-K8M:N= 25632 2DED 25632 123 256 ∗ 123Z 4 123[ 256 ∗85 4 137 21897 Sign check: 21897 X 32768 → 123 21897 123 123 2OOLPQ(RST68U:N= ∗ 2DEFGHIJKL-K8M:N= 21897 2] ∗ 2DED 85.53515625 126 256 ∗ 126Z 4 126[ 256 ∗94 4 126 24190 Sign check: 24190 X 32768 → 126 24190 126 _`a 6bbcdefghia8j:g=klg∗6jmnopqrscts8u:v= 6N3wR 6llklg∗6jmj 0.01153469085 |