Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX90621 Fiches technique(PDF) 39 Page - Melexis Microelectronic Systems

No de pièce MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Fiches technique(HTML) 39 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 35Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 36Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 37Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 38Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 39Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 40Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 41Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 42Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 43Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 39 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Standard information regarding
13.
manufacturability of Melexis products with
different soldering processes
Our products are classified and qualified regarding soldering technology, solderability and moisture sensitivity level
according to following test methods:
Wave Soldering THD’s (Through Hole Devices)
•
EIA/JEDEC JESD22-B106 and EN60749-15
Resistance to soldering temperature for through-hole mounted devices
Iron Soldering THD’s (Through Hole Devices)
•
EN60749-15
Resistance to soldering temperature for through-hole mounted devices
Solderability THD’s (Through Hole Devices)
•
EIA/JEDEC JESD22-B102 and EN60749-21
Solderability
For all soldering technologies deviating from above mentioned standard conditions (regarding peak temperature,
temperature gradient, temperature profile etc) additional classification and qualification tests have to be agreed
upon with Melexis.
Melexis is contributing to global environmental conservation by promoting lead free solutions. For more information
on qualifications of RoHS compliant products (RoHS = European directive on the Restriction Of the use of certain
Hazardous Substances) please visit the quality page on our website: http://www.melexis.com/quality.aspx
The MLX90621 is RoHS compliant
ESD Precautions
14.
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD).
Always observe Electro Static Discharge control procedures whenever handling semiconductor products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44