Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D5V0P4URL6SO Fiches technique(PDF) 3 Page - Diodes Incorporated

No de pièce D5V0P4URL6SO
Description  4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0P4URL6SO Fiches technique(HTML) 3 Page - Diodes Incorporated

  D5V0P4URL6SO Datasheet HTML 1Page - Diodes Incorporated D5V0P4URL6SO Datasheet HTML 2Page - Diodes Incorporated D5V0P4URL6SO Datasheet HTML 3Page - Diodes Incorporated D5V0P4URL6SO Datasheet HTML 4Page - Diodes Incorporated D5V0P4URL6SO Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D5V0P4URL6SO
Document number: DS38234 Rev. 1 - 2
3 of 5
www.diodes.com
May 2016
© Diodes Incorporated
D5V0P4URL6SO
T , AMBIENT TEMPERATURE (°C)
Figure 1 Pulse Derating Curve
A
Peak Value I PP
Half Value I
/2
PP
8x20 Waveform
as defined by R.E.A.
tp
t, TIME (µS)
Figure 2 Pulse Waveform
t
= 8µS
R
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
, INPUT VOLTAGE (V)
I/O
Figure 3 Input Capacitance vs. Input Voltage
I/O to V
, f=1MHz
SS
0
1
2
3
4
5
6
7
8
9
10
11
12
4
6
8
10
12
14
16
18
20
CURRENT FROM I/O TO V
(A)
SS
Figure 4 Clamping Voltage Characteristic
IEC61000-4-5
(Lighting)
0
2
4
6
8
10
12
14
16
18
0
1
2
3
4
5
6
7
8
9
10
VOLTAGE FROM I/O TO V
(V)
SS
Figure 5 Current vs. Voltage



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com