Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D5V0P4URL6SO Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce D5V0P4URL6SO
Description  4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0P4URL6SO Fiches technique(HTML) 4 Page - Diodes Incorporated

  D5V0P4URL6SO Datasheet HTML 1Page - Diodes Incorporated D5V0P4URL6SO Datasheet HTML 2Page - Diodes Incorporated D5V0P4URL6SO Datasheet HTML 3Page - Diodes Incorporated D5V0P4URL6SO Datasheet HTML 4Page - Diodes Incorporated D5V0P4URL6SO Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D5V0P4URL6SO
Document number: DS38234 Rev. 1 - 2
4 of 5
www.diodes.com
May 2016
© Diodes Incorporated
D5V0P4URL6SO
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT26
a1
D
e
E1
E
b
A2
A1
Seating Plane
L
c
a
e1
A3
SOT26
Dim
Min
Max
Typ
A1
0.013 0.10
0.05
A2
1.00
1.30
1.10
A3
0.70
0.80
0.75
b
0.35
0.50
0.38
c
0.10
0.20
0.15
D
2.90
3.10
3.00
e
–
–
0.95
e1
–
–
1.90
E
2.70
3.00
2.80
E1
1.50
1.70
1.60
L
0.35
0.55
0.40
a
–
–
8°
a1
–
–
7°
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT26
C1
Y1 G
X
Y
C
Dimensions Value (in mm)
C
2.40
C1
0.95
G
1.60
X
0.55
Y
0.80
Y1
3.20



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com