Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D5V0P4URL6SO Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce D5V0P4URL6SO
Description  4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0P4URL6SO Fiches technique(HTML) 2 Page - Diodes Incorporated

  D5V0P4URL6SO Datasheet HTML 1Page - Diodes Incorporated D5V0P4URL6SO Datasheet HTML 2Page - Diodes Incorporated D5V0P4URL6SO Datasheet HTML 3Page - Diodes Incorporated D5V0P4URL6SO Datasheet HTML 4Page - Diodes Incorporated D5V0P4URL6SO Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D5V0P4URL6SO
Document number: DS38234 Rev. 1 - 2
2 of 5
www.diodes.com
May 2016
© Diodes Incorporated
D5V0P4URL6SO
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Current, per IEC 61000-4-5
IPP
20
A
I/O to VSS, 8/20µs
Peak Pulse Power, per IEC 61000-4-5
PPP
180
W
I/O to VSS, 8/20µs
ESD Protection
– Contact Discharge, per IEC 61000-4-2
VESD_CONTACT
30
kV
I/O to VSS
ESD Protection
– Air Discharge, per IEC 61000-4-2
VESD_AIR
30
kV
I/O to VSS
Operating Temperature
TOP
-55 to +85
°C
—
Storage Temperature
TSTG
-55 to +150
°C
—
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation Typical (Note 5)
PD
300
mW
Thermal Resistance, Junction to Ambient Typical (Note 5)
RθJA
417
°C/W
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Working Voltage
VRWM
—
—
3.3
V
IR=1mA, I/O to VSS
Reverse Current (Note 6)
IR
—
—
1
μA
VR = 3.3V, I/O to VSS
Reverse Breakdown Voltage
VBR
4.5
—
8.0
V
IR = 1mA, I/O to VSS
Forward Clamping Voltage
VF
—
0.8
1.2
V
IF = 15mA, VSS to I/O
Reverse Clamping Voltage (Note7)
VC
—
6
—
V
IPP = 5A, I/O to VSS, 8/20µs
ESD Clamping Voltage
VESD
—
7.5
—
V
TLP, 12A, tP = 100ns, I/O to VSS
Dynamic Reverse Resistance
RDIF-R
—
0.15
—
Ω
TLP, 12A, tP = 100ns, I/O to VSS
Channel Input Capacitance
CI/O
—
2.4
55
3
pF
VI/O = 1.65V, VSS = 0V, f = 1MHz
Delta CI/O
CI/OMAX–CI/OMIN
—
0.04
—
pF
CI/OMAX–CI/OMIN
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes, Inc. website at http://www.diodes.com/package-outlines.html.
6. Short duration pulse test used to minimize self-heating effect.
7. Clamping voltage value is based on an 8x20µs peak pulse current (IPP) waveform.



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com