Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D5V0P4URL6SO Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce D5V0P4URL6SO
Description  4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0P4URL6SO Fiches technique(HTML) 1 Page - Diodes Incorporated

  D5V0P4URL6SO Datasheet HTML 1Page - Diodes Incorporated D5V0P4URL6SO Datasheet HTML 2Page - Diodes Incorporated D5V0P4URL6SO Datasheet HTML 3Page - Diodes Incorporated D5V0P4URL6SO Datasheet HTML 4Page - Diodes Incorporated D5V0P4URL6SO Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D5V0P4URL6SO
Document number: DS38234 Rev. 1 - 2
1 of 5
www.diodes.com
May 2016
© Diodes Incorporated
D5V0P4URL6SO
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Product Summary
VBR (Min)
IPP (Max)
CT (Typ)
4.5V
20A
2.4pF
Description
The D5V0P4URL6SO is a high performance device suitable for
protecting four high-speed I/Os. These devices are assembled in
SOT26 packages and have high ESD surge capability and low
capacitance.
Applications
Typically used at high-speed ports such as USB 2.0, IEEE1394
(FireWire
®
,
iLink™), Serial ATA, DVI, HDMI and PCI.
Features
Clamping Voltage: 7.5V at 12A 100ns, TLP 6V at 5
A 8μs/20μs
IEC 61000-4-2 (ESD): Air
– 30kV, Contact – 30kV
IEC 61000-4-4 (EFT): 80A (5/50ns)
IEC 61000-4-5 (Lighting): 20A (8/20µs)
4 Channels of ESD Protection
Low Channel Input Capacitance of 2.4pF Typical
TLP Dynamic Resistance: 0.15
Ω
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SOT26
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Schematic
Terminals
– Finish – Matte Tin Pleated Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.016 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
D5V0P4URL6SO-7
Standard
DE2
7
8
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-fr
ee "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2015
2016
2017
2018
2019
2020
Code
C
D
E
F
G
H
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Device Schematic
DE2 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: A = 2015)
M = Month (ex: 9 = September)
Note:
“ ” Represents Internal Code
SOT26
Circuit Schematic
N/A
A17
DE2
FireWire is a registered trademark of Apple Computer, Inc.
iLink is a trademark of CEM Corporation.


Numéro de pièce similaire - D5V0P4URL6SO

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
D5V0P4UR6SO DIODES-D5V0P4UR6SO Datasheet
449Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 1
D5V0P4UR6SO-7 DIODES-D5V0P4UR6SO-7 Datasheet
449Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 1
logo
TECH PUBLIC Electronics...
D5V0P4UR6SO-TP TECHPUBLIC-D5V0P4UR6SO-TP Datasheet
2Mb / 4P
Low Capacitance TVS Diode Array
More results

Description similaire - D5V0P4URL6SO

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
D1213A-04TS-7 DIODES-D1213A-04TS-7 Datasheet
147Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 6
D1213A-04S-7 DIODES-D1213A-04S-7 Datasheet
140Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 8
D3V3F4U6S DIODES-D3V3F4U6S Datasheet
179Kb / 4P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 3
DRTR5V0U4S DIODES-DRTR5V0U4S Datasheet
126Kb / 4P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 3
DRTR5V0U4SL DIODES-DRTR5V0U4SL Datasheet
194Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 2
DT1140-04LP DIODES-DT1140-04LP Datasheet
262Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 2
D1213A-04SO DIODES-D1213A-04SO Datasheet
123Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 12
D3V3F4U10LP DIODES-D3V3F4U10LP Datasheet
404Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 1
D3V3F4U10LPQ DIODES-D3V3F4U10LPQ Datasheet
416Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
June 2021 Rev. 1 - 2
D3V3XS4B10LP DIODES-D3V3XS4B10LP Datasheet
360Kb / 4P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
June 2018 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com