| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC802 Fiches technique(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC802 Fiches technique(HTML) 7 Page - NXP Semiconductors |
|
7 / 83 page ![]() LPC802 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2018. All rights reserved. Product data sheet Rev. 1.6 — 27 April 2018 7 of 83 NXP Semiconductors LPC802 32-bit ARM Cortex-M0+ microcontroller 6. Block diagram Fig 4. LPC802 block diagram aaa-028309 CLKOUT Vdd CLKIN ISP Access Port RESET Clock Generation, Power Control, and other System Functions Voltage Regulator DEBUG INTERFACE IOP bus GPIOs GPIOs AND GPOINT Flash interface Flash 16 kB Multilayer AHB Matrix AHB to APB bridge T0 Match/ Capture P0 M0 P1 P2 COMP Inputs ADC inputs and Triggers GPIOs UART0,1 SPI0 I2C0 APB slave group LPOSc Windowed WDT ARM Cortex M0+ System control IOCON Registers CTIMER0 UART 0 and 1 SPI0 I2C 0 Periph Input Mux Selects Comparator PMU Registers 12-bit ADC Switch Matrix Wakeup Timer Multi-Rate Timer Boot ROM 8 kB SRAM 2 kB |