| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC802 Fiches technique(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC802 Fiches technique(HTML) 16 Page - NXP Semiconductors |
|
16 / 83 page ![]() LPC802 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2018. All rights reserved. Product data sheet Rev. 1.6 — 27 April 2018 16 of 83 NXP Semiconductors LPC802 32-bit ARM Cortex-M0+ microcontroller Fig 9. LPC802 Memory mapping aaa-027121 AHB perpherals CRC engine 0x5001 4000 0x5000 0000 (reserved) private peripheral bus (reserved) GPIO interrupts Memory space GPIO (reserved) (reserved) (reserved) (reserved) (reserved) active interrupt vectors Boot ROM RAM AHB peripherals APB peripherals Flash memory (up to 16 KB) 0xFFFF FFFF 0xE010 0000 0xE000 0000 0xA000 8000 0xA000 4000 0xA000 0000 0x5001 4000 0x5000 0000 0x4008 0000 0x4000 0000 0x1000 0800 0x1000 0000 0x0F00 2000 0x0F00 0000 0x0000 4000 0x0000 0000 0x0000 00C0 0x0000 0000 (reserved) APB perpherals USART1 USART0 (reserved) SPI I2C (reserved) Syscon IOCON (reserved) CTIMER 0 (reserved) (reserved) Analog Comparator PMU ADC Switch Matrix Wake-up Timer Multi-Rate Timer Watchdog timer 31-30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0x4007 FFFF 0x4007 8000 0x4007 4000 0x4007 0000 0x4006 C000 0x4006 8000 0x4006 4000 0x4006 0000 0x4005 C000 0x4005 8000 0x4005 4000 0x4005 0000 0x4004 C000 0x4004 8000 0x4004 4000 0x4004 0000 0x4003 C000 0x4003 8000 0x4003 4000 0x4003 0000 0x4002 C000 0x4002 8000 0x4002 4000 0x4002 0000 0x4001 C000 0x4001 8000 0x4001 4000 0x4001 0000 0x4000 C000 0x4000 8000 0x4000 4000 0x4000 0000 (reserved) (reserved) (reserved) (reserved) (reserved) (reserved) (reserved) (reserved) (reserved) (reserved) (reserved) (reserved) 0x5000 4000 |