Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BGS8L5 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce BGS8L5
Description  SiGe:C low-noise amplifier MMIC with bypass switch for LTE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8L5 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button BGS8L5 Datasheet HTML 6Page - NXP Semiconductors BGS8L5 Datasheet HTML 7Page - NXP Semiconductors BGS8L5 Datasheet HTML 8Page - NXP Semiconductors BGS8L5 Datasheet HTML 9Page - NXP Semiconductors BGS8L5 Datasheet HTML 10Page - NXP Semiconductors BGS8L5 Datasheet HTML 11Page - NXP Semiconductors BGS8L5 Datasheet HTML 12Page - NXP Semiconductors BGS8L5 Datasheet HTML 13Page - NXP Semiconductors BGS8L5 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
NXP Semiconductors
BGS8L5
SiGe:C low-noise amplifier MMIC with bypass switch for LTE
BGS8L5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 1 — 2 March 2018
10 / 15
13 Application information
13.1 LTE LNA
aaa-006409
6
L1
2
1
4
3
RFout
RFin
VCTRL
Vcc
C1
5
IC1
For a list of components, see Table 10. Both ground pins must be connected on PCB.
Figure 3.  Schematics LTE LNA evaluation board
Table 10. List of components
For schematics, see Figure 3
Component
Description
Value
Remarks
C1
decoupling capacitor
1 μF
The total capacitance on the VCC
node must be at least 1 μF. It must
be positioned at a short distance
from the VCC pin (preferably
within 15 mm). Typically, such
capacitance is already present
at the output of the VCC voltage
regulator.
IC1
BGS8L5
NXP
15 nH
617 < f < 652 MHz Murata
LQW15A
L1
high-quality matching
inductor
8.7 nH
703 < f < 960 MHz Murata
LQW15A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com