Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BGS8L5 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce BGS8L5
Description  SiGe:C low-noise amplifier MMIC with bypass switch for LTE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8L5 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button BGS8L5 Datasheet HTML 4Page - NXP Semiconductors BGS8L5 Datasheet HTML 5Page - NXP Semiconductors BGS8L5 Datasheet HTML 6Page - NXP Semiconductors BGS8L5 Datasheet HTML 7Page - NXP Semiconductors BGS8L5 Datasheet HTML 8Page - NXP Semiconductors BGS8L5 Datasheet HTML 9Page - NXP Semiconductors BGS8L5 Datasheet HTML 10Page - NXP Semiconductors BGS8L5 Datasheet HTML 11Page - NXP Semiconductors BGS8L5 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NXP Semiconductors
BGS8L5
SiGe:C low-noise amplifier MMIC with bypass switch for LTE
BGS8L5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 1 — 2 March 2018
8 / 15
Table 9. Characteristics
703 MHz ≤ f ≤ 960 MHz; VCC = 2.8 V; Tamb = 25 °C; input matched 50 Ω using application diagram from Figure 3 and
component values as in Table 10. Unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Gain Mode
ICC
supply current
VI(CTRL) > 0.8 V
-
4.9
6.0
mA
f = 637 MHz
-
15.7
-
dB
f = 740 MHz
-
14.7
-
dB
f = 882 MHz
-
13.7
-
dB
Gp
power gain
f = 943 MHz
-
13.1
-
dB
ΔG/ΔT
gain variation with temperature
-
-0.01 -
dB/°C
f = 637 MHz
[1] -
0.8
-
dB
f = 740 MHz
[1] -
0.8
-
dB
f = 882 MHz
[1] -
0.8
-
dB
NF
noise figure
f = 943 MHz
[1] -
0.85
-
dB
f = 637 MHz
-
−5.0 -
dBm
f = 740 MHz
-
−4.5 -
dBm
f = 882 MHz
-
−4.5 -
dBm
Pi(1dB)
input power at 1 dB gain compression
f = 943 MHz
-
−4.5 -
dBm
f = 637 MHz, Δf = 1 MHz
-
−3
-
dBm
f = 740 MHz, Δf = 1 MHz
-
−2
-
dBm
f = 882 MHz, Δf = 1 MHz
-
−1
-
dBm
IP3i
input third-order intercept point
f = 943 MHz, Δf = 1 MHz
-
0
-
dBm
f = 637 MHz
-
14
-
dB
f = 740 MHz
-
10
-
dB
f = 882 MHz
-
16
-
dB
RLin
input return loss
f = 943 MHz
-
17
-
dB
f = 637 MHz
-
9
-
dB
f = 740 MHz
-
10
-
dB
f = 882 MHz
-
9
-
dB
RLout
output return loss
f = 943 MHz
-
9
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com