Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BGS8L5 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce BGS8L5
Description  SiGe:C low-noise amplifier MMIC with bypass switch for LTE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8L5 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button BGS8L5 Datasheet HTML 3Page - NXP Semiconductors BGS8L5 Datasheet HTML 4Page - NXP Semiconductors BGS8L5 Datasheet HTML 5Page - NXP Semiconductors BGS8L5 Datasheet HTML 6Page - NXP Semiconductors BGS8L5 Datasheet HTML 7Page - NXP Semiconductors BGS8L5 Datasheet HTML 8Page - NXP Semiconductors BGS8L5 Datasheet HTML 9Page - NXP Semiconductors BGS8L5 Datasheet HTML 10Page - NXP Semiconductors BGS8L5 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NXP Semiconductors
BGS8L5
SiGe:C low-noise amplifier MMIC with bypass switch for LTE
BGS8L5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 1 — 2 March 2018
7 / 15
Symbol
Parameter
Conditions
Min
Typ
Max Unit
f = 637 MHz
-
23
-
dB
f = 740 MHz
-
23
-
dB
f = 882 MHz
-
23
-
dB
ISL
isolation
f = 943 MHz
-
23
-
dB
K
Rollett stability factor
1
-
-
ton
turn-on time
Time from VI(CTRL) ON, to 90 % of
the gain
-
-
4
µs
toff
turn-off time
Time from VI(CTRL) OFF, to 10 % of
the gain
-
-
1
µs
Bypass Mode
ICC
supply current
VI(CTRL) < 0.25 V
-
-
1.0
µA
f = 637 MHz
-
−2.0 -
dB
f = 740 MHz
-
−2.0 -
dB
f = 882 MHz
-
−2.2 -
dB
Gp
power gain
f = 943 MHz
-
−2.5 -
dB
f = 637 MHz
-
11
-
dB
f = 740 MHz
-
13
-
dB
f = 882 MHz
-
10
-
dB
RLin
input return loss
f = 943 MHz
-
9
-
dB
f = 637 MHz
-
7
-
dB
f = 740 MHz
-
9
-
dB
f = 882 MHz
-
8
-
dB
RLout
output return loss
f = 943 MHz
-
7
-
dB
[1]
PCB losses are subtracted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com