Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAU1977WBCPZ-R7 Fiches technique(PDF) 61 Page - Analog Devices

No de pièce ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Fiches technique(HTML) 61 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 57Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 59Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 60Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 61Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 62Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 63Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 64Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
Data Sheet
ADAU1977
Rev. C | Page 61 of 68
DIAGNOSTICS ADJUSTMENTS REGISTER 1
Address: 0x17, Reset: 0x00, Name: DIAG_ADJUST1
Table 48. Bit Descriptions for DIAG_ADJUST1
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
SHT_T_TRIP
Short Fault to Other Terminal Trip Point Adjust.
0x0
RW
00
0.465 × MICBIAS to 0.535 × MICBIAS
01
0.483 × MICBIAS to 0.517 × MICBIAS
10
0.429 × MICBIAS to 0.571 × MICBIAS
11
Reserved
[5:4]
SHT_M_TRIP
Short Fault to Mic Bias Trip Point Adjust.
0x0
RW
00
0.95 × MICBIAS
01
0.9 × MICBIAS
10
0.85 × MICBIAS
11
0.975 × MICBIAS
[3:2]
SHT_G_TRIP
Short Fault to Ground Trip Point Adjust.
0x0
RW
00
0.2 × VREF
01
0.133 × VREF
10
0.1 × VREF
11
0.266 × VREF
[1:0]
SHT_B_TRIP
Short Fault to Supply/Battery Trip Point Adjust.
0x0
RW
00
0.95 × VBAT
01
0.9 × VBAT
10
0.85 × VBAT
11
0.975 × VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68